Part Number Hot Search : 
ATMEGA W1T1G AP7312 ATMEGA H22B5 36515 ENTRAL DTC044TM
Product Description
Full Text Search
 

To Download TS39100CPRO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts39100 1a ultra low d ropout voltage regulator 1 / 7 version: b08 sot - 223 to - 252 (dpak) general description t he ts39100 are 1a ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. these regulator s offers extremely low dropout (typically 400mv at 1a) and very low ground current (typically 12ma at 1a). th e ts39100 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperat ure operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation. features dropou t voltage typically 0.4v @io=1 a output current up to 1a low ground current extremely fast transient response reversed leakage & reverse battery protection current limit & thermal shutdown protection ordering information part no. package packing ts39100cw xx rp sot - 223 2.5kpcs / 13 reel ts39100cw xx rpg sot - 223 2.5kpcs / 13 re el ts39100cp xx ro to - 252 2.5kpcs / 13 reel ts39100cp xx rog to - 252 2.5kpcs / 13 reel note: where xx denotes voltage option, available are 18 =1.8v , 25 =2.5v , 33 =3.3v , 50 =5 .0 v g denote for halogen free application uldo linear regula tor for pc add - in cards powerpc tm power supplies battery powered equipment consumer and personal electronics high efficiency linear power supplies smps post regulator and dc to dc modules high - efficiency post regulator for switching supply portable applica tion low - voltage microcontrollers and digital logic typical application circuit absolute maximum rating (note 1) parameter symbol value units supply voltage v in - 20v ~ +20 v operation input voltage v in (operate) +2.25 ~ +16 v power dissipati on (note 4) p d internally limited w operating junction temperature range t j - 40 ~ +125 o c storage temperature range t stg - 65 ~ +150 o c lead soldering temperature (260 o c) 5 s esd (note 3) pin definition : 1. input 2. ground (tab) 3 . output
ts39100 1a ultra low d ropout voltage regulator 2 / 7 version: b08 electrical characteristics v in = v out + 1v , v in =2.5v for fixed reference output voltage, venable= 2.25v, t a = 25 o c, unless otherwise specified. parameter conditions min typ max u nit 10 ma i l 1.0 a, vo+1v v in 8 v 0.9 8 0|vo| 1.0 2 0|vo| v output voltage 10 ma i l 1.0 a, 2.5v v in 16v 0.9 7 0|vo| v out 1. 0 3 0|vo| v line regulation i l =10ma , vo+1v v in 1 6v -- 0. 05 0. 5 % v in = vout+1v, 8 ma i l 300m a -- 0. 05 0.1 load regulation v in = vout+1v, 10 ma i l 1 a -- 0. 2 1.0 % output voltage temp . coefficient -- 40 100 ppm/ o c dropout voltage (note 5 ) v out = - 1% i l =100ma i l = 500 ma i l = 1.0 a -- -- -- 100 275 400 25 0 350 630 mv quiescent current (note 6 ) v in = v out +1v i l =100ma i l = 500 ma i l = 1.0 a -- -- -- 0.7 4.0 12.0 2 6 20 ma current limited v out =0 , v in = v out +1v -- 1.8 -- a thermal performance cond ition package type typ u nit sot - 223 15 thermal resistance junction to case to - 252 1 0 o c/w note 1 : absolute maximum rating is limits beyond which damage to the device may occur. for guaranteed s pecifications and test conditions see the electrical chara cteristics. note 2: the device is not guaranteed to operate outside its operating rating. note 3: devices are esd sensitive. handling precautions recommended. note 4 : the maximum allowable power dissipation is a function of the maximum junction temperatur e, t j , the junction to ambient thermal resistance, ? ja , and the ambient temperature, ta. exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. the effective value of ? ja can be reduced by using a heat sink, pd (max) = (t j( max) ta) / ? ja . note 5 : dropout voltage is defined as the input to output differential at which the output voltage drops - 1 % below its nominal value measured at 1v differential. note 6 : ground pin current i s the regulator quiescent current. the total current drawn from the source is the s um of the ground pin current and output load current , i gnd = i in - i out for fix output voltage, , i gnd = i in - i out +10ma for fix reference output voltage in full load regul ation. note 8 : output voltage temperature coefficient is v out (worse cast) / ( t j( max) t j( min) ) where is t j( max) +125 o c and t j( min) is 0 o c.
ts39100 1a ultra low d ropout voltage regulator 3 / 7 version: b08 functional diagram application information the ts39100 are high performance with low dropout voltage regulator suitable for moderate to high current and voltage regulator application. its 630mv dropout voltage at full load and over temperature makes it especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. unlike normal npn transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout voltage, dropout performance of the pnp output of these devices is limited only by low v ce saturation voltage. the ts39100 is fully protected from damage due to fault conditions. linear current limiting is provided. output current during overload conditions is constant. thermal shutdown the device when the die temperature exceeds the maximum safe operating temperature. transient protection allows dev ice survival even when the input voltage spikes above and below nominal. the output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow. output capacitor requirement the ts39100 r equires an output capacitor to maintain stability and improve transient response is necessary. the value of this capacitor is dependent upon the output current, lower currents allow small er capacitors. ts39100 output capacitor selection is dependent upon t he esr of the output capacitor to maintain stability. when the output capacitor is 10uf or greater, the output capacitor should have an esr less than 2 . this will improve transient response as well as promote stability. ultra low esr capacitors (<100m ), such as ceramic chip capacitors, may promote instability. these very low esr levels may cause an oscillation and/or under damped transient response. a low esr solid tantalum capacitor works extremely well and provides good transient response and stability over temperature aluminum electrolytes can also be used, as long as the esr of the capacitor is <2 . the value of the output capacitor can be increased without limit. higher capacitance values help to improve transient response and ripple rejection and reduce output noise. input capacitor requirement an input capacitor of 1uf or greater is recommended when the device is more than 4 away from the bulk a c supply capacitance or when the supply is a battery. small, surface mount, ceramic chip capacitors can be used for bypassing. larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of t he output voltage. minimum load current the ts39100 is specified between finite loads. if the output current is too small leakage currents dominate and the output voltage rises. a 10ma minimum load current is necessary for proper regulation.
ts39100 1a ultra low d ropout voltage regulator 4 / 7 version: b08 application in formation (continue) transient response and 3.3v to 2.5v or 2.5v to 1.8v conversion ts39100 has excellent transient response to variations in input voltage and load current . the device have been designed to respond quickly to load current variations and in put voltage variations. large output capacitors are not required to obtain this performance. a standard 10uf output capacitor, preferably tantalum, is all that is required. larger values help to improve performance even further. by virtue of its low dropou t voltage, this device does not saturate into dropout as readily as similar npn base designs. when converting from 3.3v to 2.5v or 2.5v to 1.8v, the npn based regulators are already operating in dropout, with typical dropout requirements of 1.2v or greater ,. to convert down to 2.5v or 1.8v without operating in dropout, npn based regulators require an input voltage of 3.7 v at the very least. the ts39100 will provide excellent performance with an input as low as 3.0v or 2.5v respectively. this gives the pnp b ased regulators a distinct advantage over older, npn based linear regulators. copper area lay out information determine the power dissipation requirements for the design along with the maximum ambient temperature at which the device will be operated. refer to power dissipation with copper area curve, which shows safe operating curves for three different ambient temperatures with 25 o c, 50 o c, 85 o c. from these curves, the minimum amount of copper can be determined by knowing the maximum power dissipation requi red. p d = (v in - v out ) * i out + v in * i gnd if we used a 5.0v output device and a 6v input at an output current of 350ma, then the power dissipation is as follows: p d = (6.0v - 5.0v) * 350ma + 5v * 4ma p d = 350mw + 20mw p d = 370mw if the maximum ambient temp erature is 85 o c and the power dissipation is as above 375mw, the curve is shows that the required area of copper is 80mm 2 .
ts39100 1a ultra low d ropout voltage regulator 5 / 7 version: b08 to - 252 mechanical drawing marking diagram xx = output voltage ( 18 =1.8v, 25 =2.5v, 33 =3.3v, 50 =5v ) y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code to - 2 52 di mension millimeters inches dim min max min max a 2.3bsc 0.09bsc a1 4.6bsc 0.18bsc b 6.80 7.20 0.268 0.283 c 5.40 5.60 0.213 0.22 0 d 6.40 6.65 0.252 0.262 e 2.20 2.40 0.087 0.094 f 0.00 0.20 0.000 0.008 g 5.20 5.40 0.205 0.213 g1 0.75 0.85 0.030 0.033 g2 0.55 0.65 0.022 0.026 h 0.35 0.65 0.014 0.026 i 0.90 1.50 0.035 0.059 j 2.20 2.80 0.087 0.110 k 0.50 1.10 0.020 0.043 l 0.90 1.50 0.035 0.059 m 1.30 1.70 0.051 0.67
ts39100 1a ultra low d ropout voltage regulator 6 / 7 version: b08 sot - 223 mechanical drawing marking diagram xx = output voltage ( 18 =1.8v, 25 =2.5v, 33 =3. 3v, 50 =5v) y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code sot - 223 dim ension millimeters inches dim min max min max a 6.350 6.850 0.250 0.270 b 2.900 3.100 0.114 0.122 c 3.450 3.750 0.136 0.148 d 0.595 0.635 0.023 0.025 e 4.550 4.650 0.179 0.183 f 2.250 2.350 0.088 0.093 g 0.835 1.035 0.0 32 0.041 h 6.700 7.300 0.263 0.287 i 0.250 0.355 0.010 0.014 j 10  16  10  16  k 1.550 1.800 0.061 0.071
ts39100 1a ultra low d ropout voltage regulator 7 / 7 version: b08 notice specifications of the products displayed herein are sub ject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intel lectual property rights is granted by this document. except as provided in tscs terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life - saving, o r life - sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. 


▲Up To Search▲   

 
Price & Availability of TS39100CPRO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X